Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9990 BLACK Datasheet (PDF) - pro-elec

9990 BLACK Datasheet PDF - pro-elec
Part # 9990 BLACK
Download  9990 BLACK Download
File Size   126.72 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description UK Visitor Adaptor

9990 BLACK Datasheet (PDF)

Go To PDF Page Download Datasheet
9990 BLACK Datasheet PDF - pro-elec

Part # 9990 BLACK
Download  9990 BLACK Click to download

File Size   126.72 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description UK Visitor Adaptor

9990 BLACK Datasheet (HTML) - pro-elec


9990 BLACK Product details

Socket Base and Cover : FRPP
Socket Terminals (bus bar) : Brass
Cover Screw : Mild Steel Nickel Plated
Plug Pin : Brass
Fuse cover : PA
Shutter : Nylon (PA)
Spring : Mild Steel
Voltage : 240V
Current Rating : 13A
Fuse : 13A BS1362
Standard : BS1363-3




Similar Part No. - 9990 BLACK

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9990 BELDEN-9990 Datasheet
159Kb / 2P
Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9990.0601000 BELDEN-9990.0601000 Datasheet
159Kb / 2P
Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9990.060500 BELDEN-9990.060500 Datasheet
159Kb / 2P
Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
logo
Vishay Siliconix
99901E3 VISHAY-99901E3 Datasheet
144Kb / 11P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
05-Dec-16
logo
Littelfuse
999020 LITTELFUSE-999020 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Similar Description - 9990 BLACK

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001035 PHOENIX-3001035 Datasheet
128Kb / 5P
UK 2,5 B
3002018 PHOENIX-3002018 Datasheet
130Kb / 4P
UK 3
3002092 PHOENIX-3002092 Datasheet
99Kb / 4P
UK 3 BU
3003017 PHOENIX-3003017 Datasheet
116Kb / 5P
UK 4
3005015 PHOENIX-3005015 Datasheet
134Kb / 5P
UK 10
3005073 PHOENIX-3005073 Datasheet
172Kb / 8P
UK 10 N
3006014 PHOENIX-3006014 Datasheet
123Kb / 4P
UK 16
3008012 PHOENIX-3008012 Datasheet
177Kb / 8P
UK 35
3008025 PHOENIX-3008025 Datasheet
162Kb / 6P
UK 35 BU
3118012 PHOENIX-3118012 Datasheet
143Kb / 6P
UK-SI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com